Part Number Hot Search : 
A1030 HGBBN BC369 BU4846G HIP66 AS324P MC36206 MRF3010
Product Description
Full Text Search
 

To Download ILD610-4X009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 83651 for tec hnical questions, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.9, 24-may-11 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, dual channel ild610 vishay semiconductors description the ild610 series is a dual channel optocoupler series for high density applications. each channel consists of an optically coupled pair with a gallium arsenide infrared led and silicon npn phototransis tor. signal information, including a dc level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. the ild610 series is the dual version of sfh610 series and uses a repe titive pin-out configuration instead of the more common alternating pin-out used in most dual couplers. features ? dual version of sfh610 series ? isolation test voltage, 5300 v rms ?v cesat 0.25 ( ? 0.4) v at i f = 10 ma, i c = 2.5 ma ?v ceo = 70 v ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec agency approvals ? ul1577, file no. e52744 system code h or j, double protection ? din en 60747-5-5 (vde 0884)/din en 60747-5-5 pending ? csa 93751 ? bsi iec 60950; iec 60065 note ? additional options may be possible, please contact sales office. 8 7 6 5 e c e c a c a c 1 2 3 4 i179073_7 ordering information i ld610-#x00#t part number ctr bin package option tape and reel agency certified/package ctr (%) ul, csa, bsi 40 to 80 63 to 125 100 to 200 160 to 320 dip-8 ild610-1 - ild610-3 - dip-8, 400 mil, option 6 - - ild610-3x006 - smd-8, option 7 - ild610-2x007t - - smd-8, option 9 - - ild610-3x009 ILD610-4X009 > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip-# option 7 option 6 option 9
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83651 2 rev. 1.9, 24-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ild610 vishay semiconductors optocoupler, phototransistor output, dual channel note ? stresses in excess of the absolute maximum ratings can cause pe rmanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those given in the operational sections of this document. exposure to abs olute maximum ratings for e xtended periods of the time ca n adversely affect reliability. note ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input reverse voltage v r 6.0 v surge forward current t ? 1.0 ms i fsm 1.5 a power dissipation p diss 100 mw derate linearly from 25 c 1.3 mw/c forward continuous current i f 60 ma output collector emi tter voltage v ce 70 v collector current i c 50 ma t ? 1.0 ms i c 100 ma power dissipation p diss 150 mw derate linearly from 25 c 2.0 mw/c coupler isolation test voltage t = 1.0 s v iso 5300 v rms isolation resistance v io = 500 v, t amb = 25 c r io ? 10 12 ? v io = 500 v, t amb = 100 c r io ? 10 11 ? storage temperature t stg - 55 to + 150 c operating temperature t amb - 55 to + 100 c junction temperature t j 100 c lead soldering time at 260 c 10 s electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit input forward voltage i f = 60 ma v f 1.25 1.65 v reverse current v r = 6.0 v i r 0.01 10 a capacitance v r = 0 v, f = 1.0 mhz c o 25 pf output collector emitter breakdown voltage i c = 10 ma, i e = 10 a bv ceo 70 90 v bv ceo 6.0 7.0 v collector emitter dark current v ce = 10 v i ceo 2.0 50 na collector emitte r capacitance v ce = 5.0 v, f = 1.0 mhz c ce 7.0 pf collector emitter leakage current v ce = 10 v ild610-1 i ceo 2.0 50 na ild610-2 i ceo 2.0 50 na ild610-3 i ceo 5.0 100 na ild610-4 i ceo 5.0 100 na coupler collector emitte r saturation voltage i f = 10 ma, i c = 2.5 ma v cesat 0.25 0.40 v coupling capacitance c c 0.35 pf
document number: 83651 for tec hnical questions, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.9, 24-may-11 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ild610 optocoupler, phototransistor output, dual channel vishay semiconductors note (1) ctr will match within a ratio of 1.7:1 current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit ctr (1) i f = 10 ma, v ce = 5.0 v ild610-1 ctr 40 80 % ild610-2 ctr 63 125 % ild610-3 ctr 100 200 % ild610-4 ctr 160 320 % i f = 1.0 ma, v ce = 5.0 v ild610-1 ctr 13 % ild610-2 ctr 22 % ild610-3 ctr 34 % ild610-4 ctr 56 % switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit non-saturated rise time v cc = 5.0 v, r l = 75 ? , i f = 10 ma ild610-1 t r 2.0 s ild610-2 2.5 ild610-3 2.9 ild610-4 3.3 fall time v cc = 5.0 v, r l = 75 ? , i f = 10 ma ild610-1 t f 2.0 s ild610-2 2.6 ild610-3 3.1 ild610-4 3.5 turn-on time v cc = 5.0 v, r l = 75 ? , i f = 10 ma ild610-1 t on 3.0 s ild610-2 3.2 ild610-3 3.6 ild610-4 4.1 turn-off time v cc = 5.0 v, r l = 75 ? , i f = 10 ma ild610-1 t off 2.9 s ild610-2 3.4 ild610-3 3.7 ild610-4 4.1 saturated rise time v cc = 5.0 v, r l = 1.0 k ? , i f = 20 ma ild610-1 t r 2.0 s v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-2 2.8 v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-3 2.8 v cc = 5.0 v, r l = 1.0 k ? , i f = 5 ma ild610-4 4.6 fall time v cc = 5.0 v, r l = 1.0 k ? , i f = 20 ma ild610-1 t f 11 s v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-2 14 v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-3 14 v cc = 5.0 v, r l = 1.0 k ? , i f = 5 ma ild610-4 15 turn-on time v cc = 5.0 v, r l = 1.0 k ? , i f = 20 ma ild610-1 t on 3.0 s v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-2 4.3 v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-3 4.3 v cc = 5.0 v, r l = 1.0 k ? , i f = 5 ma ild610-4 6.0 turn-off time v cc = 5.0 v, r l = 1.0 k ? , i f = 20 ma ild610-1 t off 18 s v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-2 25 v cc = 5.0 v, r l = 1.0 k ? , i f = 10 ma ild610-3 25 v cc = 5.0 v, r l = 1.0 k ? , i f = 5 ma ild610-4 25
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83651 4 rev. 1.9, 24-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ild610 vishay semiconductors optocoupler, phototransistor output, dual channel typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward voltage vs. forward current fig. 2 - normalized non-sa turated and saturated ctr vs. led current fig. 3 - normalized non-sa turated and saturated ctr vs. led current fig. 4 - normalized non-sa turated and saturated ctr vs. led current fig. 5 - normalized non-sa turated and saturated ctr vs. led current fig. 6 - collector emitter current vs. temperature and led current iilct6_01 i f - forward current (ma) 100 10 1 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1. 3 1.4 v f - forward voltage (v) t amb = 25 c t amb = 85 c t amb = - 55 c iilct6_02 100 10 1 0.1 0.0 0.5 1.0 1.5 nctr(sat) nctr i f - led current (ma) nctr - normalized ctr normalized to: v ce = 10 v, i f = 10 ma t amb = 25 c ctr ce(sat) v ce = 0.4 v iilct6_03 100 10 1 0.1 0.0 0.5 1.0 1.5 nctr(sat) nctr i f - led current (ma) nctr - normalized ctr normalized to: v ce = 10 v, i f = 10 ma,t a = 25 c t a = 50 c ctr ce(sat) v ce = 0.4 v iilct6_04 100 10 1 0.1 0.0 0.5 1.0 1.5 i f - led current (ma) nctr(sat) nctr normalized to: v ce = 10 v, i f = 10 ma t amb = 25 c ctr ce(sat) v ce = 0.4 v t amb = 70 c nctr - normalized ctr iilct6_05 0.1 1 10 100 1.5 1.0 0.5 0.0 i f - led current (ma) nctr - normalized ctr nctr(sat) nctr normalized to: v ce = 10 v, i f = 10 ma, t amb = 25 c ctr ce(sat) v ce = 0.4 v t amb = 85 c iilct6_06 60 50 30 20 10 0 0 5 10 15 20 25 30 35 50 c 70 c 85 c i f - led current (ma) i ce - collector current (ma) 25 c 40
document number: 83651 for tec hnical questions, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.9, 24-may-11 5 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ild610 optocoupler, phototransistor output, dual channel vishay semiconductors fig. 7 - collector emitter leakage current vs.temperature fig. 8 - propagation delay vs. collector load resistor fig. 9 - switching timing fig. 10 - non-saturate d switching schematic fig. 11 - saturated switching time test waveform iilct6_07 100 80 60 40 20 0 - 20 10 10 10 10 10 10 10 10 - 2 - 1 0 1 2 3 4 5 t amb - ambient temperature (c) i ceo - collector emitter (na) v ce = 10 v typical iilct6_08 r l - collector load resistor (k ) 100 10 1 0.1 1 10 100 1000 1.0 1.5 2.0 2.5 t plh t phl t plh - propagation (s) t phl - propagation delay (s) t amb = 25 c, i f = 10 ma v cc = 5 v, v th = 1.5 v iild610_09 i f t r v o t d t s t f t phl t plh v th = 1.5 v iild610_10 v o v cc = 5 v r l f = 10 khz, df = 50 % i f = 10 ma t off t r 10 % 50 % 90 % t s t pdoff t pdon t on t r t d output input 10 % 50 % 90 % iild610_11
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83651 6 rev. 1.9, 24-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ild610 vishay semiconductors optocoupler, phototransistor output, dual channel package dimensions in millimeters package marking notes ? only option 1 and 7 reflected in the package marking ? tape and reel suffix (t) is not part of the package marking i178006 pin one id 6.645 0.165 9.77 0.14 0.95 0.19 4 typ. 2.54 typ. 10 3 to 9 7.62 typ. 0.51 0.05 0.25 0.05 3.045 0.255 3.555 0.255 0.70 0.19 6.095 0.255 4 3 2 1 0.79 1.27 5 6 7 8 iso method a 18450-6 8 min. 0.51 1.02 7.62 ref. 9.53 10.03 0.25 typ. 0.102 0.249 15 max. option 9 0.35 0.25 10.16 10.92 7.8 7.4 10.36 9.96 option 6 8 min. 7.62 typ. 4.6 4.1 8.4 min. 10.3 max. 0.7 option 7 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 ild610 v wwy h 68
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of ILD610-4X009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X